Part Number Hot Search : 
LBT45505 08W12 MC451 LQ057 28100 3GWJ42C 361505 M5314
Product Description
Full Text Search
 

To Download 2SA1075 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon pnp power transistors 2SA1075 2sa1076 description with mt-200 package complement to type 2sc2525,2sc2526 fast switching speed excellent safe operating area fig.1 simplified outline (mt-200) and symbol applications high frequency power amplifiers audio power amplifiers switching regulators dc-dc converters pinning(see fig.2) pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings(ta=25 ) symbol parameter conditions value unit 2SA1075 -120 v v cbo collector-base voltage 2sa1076 open emitter -160 v 2SA1075 -120 v v ceo collector-emitter voltage 2sa1076 open base -160 v v ebo emitter-base voltage open collector -7 v i c collector current -12 a p c collector power dissipation t c =25 120 w t j junction temperature 150 t stg storage temperature -65~150
inchange semiconductor product specification silicon pnp power transistors 2SA1075 2sa1076 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit 2SA1075 -120 v (br)ceo collector-emitter breakdown voltage 2sa1076 i c =-1ma ;r be = -160 v 2SA1075 -120 v (br)cbo collector-base breakdown voltage 2sa1076 i c =-50 a; i e =0 -160 v v (br)ebo emitter-base breakdown voltage i e =-50 a; i c =0 -7 v v cesat collector-emitter saturation voltage i c =-5a;i b =-0.5a -1.8 v v be base-emitter voltage i c =-5a;v ce =-5v -1.7 v 2SA1075 v cb =-120v; i e =0 i cbo collector cut-off current 2sa1076 v cb =-160v; i e =0 -50 a 2SA1075 v ce =-120v; i b =0 i ceo collector cut-off current 2sa1076 v ce =-160v; i b =0 -1 ma i ebo emitter cut-off current v eb =-7v; i c =0 -50 a h fe-1 dc current gain i c =-1a ; v ce =-5v 60 200 h fe-2 dc current gain i c =-7a ; v ce =-5v 40 c ob output capacitance i e =0 ; v cb =-10v 300 pf f t transition frequency i c =-1a ; v ce =-10v 60 mhz switching times t r rise time 0.15 s t s storage time 0.50 s t f fall time i c =-7.5a;r l =4 i b1 =-i b2 =-0.75a 0.11 s 2
inchange semiconductor product specification silicon pnp power transistors 2SA1075 2sa1076 package outline 3 fig.2 outline dimensions


▲Up To Search▲   

 
Price & Availability of 2SA1075

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X